PART |
Description |
Maker |
NCL30082 |
Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
|
ON Semiconductor
|
NCL30083A NCL30083B NCL30083BDMR2G NCL3008313 NCL3 |
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
|
ON Semiconductor
|
MWDM1L-GP-0E MWDM2L-GP-0E MWDM4L-GP-0E MWDM5L-GP-0 |
Micro-D Metal Shell MWDM Back-To-Back Unshielded Cable Assemblies
|
Glenair, Inc.
|
X25041 X25041P X25041P-2.7 X25041P-3 X25041PI X250 |
DC/DC Charge Pump Converter (DC-DC) IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Number of PWM Outputs:2; Input Voltage Primary Min:1.8V; Input Voltage Primary SPI Serial E2PROM with Block LockTM Protection
|
XICOR[Xicor Inc.]
|
NCL30082 NCL30082A NCL30082ADMR2G NCL30082B NCL300 |
Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
|
ON Semiconductor
|
BYS30-40T BYS30-50T BYS30-70T BYS30-XXX BYS30-100T |
KVM EXTENDER WITH SERIAL AND BUILT IN SKEW COMP 肖特基双二极 KVM EXTENDER RECEIVER ONLY W. SKEW COMP 肖特基双二极 SCHOTTKY-DUAL DIODES 肖特基双二极 WIRE, PTFE, A, PINK, 7/0.2MM, 25M; Area, conductor CSA:0.2mm2; Conductor make-up:7/0.2mm; Voltage rating, AC:300V; Current rating:6A; Colour, primary insulation:Pink; Material, primary insulation:PTFE; Diameter, External:0.95mm; RoHS Compliant: Yes WIRE, ETFE, TEFZEL, 16AWG, BLACK, 100M; Area, conductor CSA:1.343mm2; Conductor make-up:19/0.3; Voltage rating, AC:600V; Current rating:20A; Colour, primary insulation:Black; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes WIRE, ETFE, TEFZEL, 18AWG, WHITE, 100M; Area, conductor CSA:0.933mm2; Conductor make-up:19/0.25; Voltage rating, AC:600V; Current rating:15A; Colour, primary insulation:White; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes WIRE, ETFE, TEFZEL, 24AWG, BLACK, 100M; Area, conductor CSA:0.215mm2; Conductor make-up:19/0.12mm; Voltage rating, AC:600V; Current rating:6A; Colour, primary insulation:Black; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes CAT5 KEYBOARD & MOUSE EXTENDER WIRE, PTFE, B, BLACK, 7/0.2MM, 25M; Area, conductor CSA:0.22mm2; Conductor make-up:7/0.2; Voltage rating, AC:600V; Current rating:6A; Colour, primary insulation:Black; Material, primary insulation:PTFE; Diameter, External:1.2mm; RoHS Compliant: Yes KVM EXTENDER RECEIVER ONLY W. SKEW COMP KVM EXTENDR W/ SERIAL, AUDIO, & BUILT IN SKEW COMP WIRE, ETFE, TEFZEL, 24AWG, WHITE, 100M; Area, conductor CSA:0.215mm2; Conductor make-up:19/0.12mm; Voltage rating, AC:600V; Current rating:6A; Colour, primary insulation:White; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes WIRE, ETFE, TEFZEL, 18AWG, BLACK, 100M; Area, conductor CSA:0.933mm2; Conductor make-up:19/0.25; Voltage rating, AC:600V; Current rating:15A; Colour, primary insulation:Black; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes WIRE, PTFE, A, RED, 7/0.2MM, 25M; Area, conductor CSA:0.2mm2; Conductor make-up:7/0.2mm; Voltage rating, AC:300V; Current rating:6A; Colour, primary insulation:Red; Material, primary insulation:PTFE; Diameter, External:0.95mm; RoHS Compliant: Yes WIRE, PTFE, A, RED, 7/0.2MM, 100M; Area, conductor CSA:0.2mm2; Conductor make-up:7/0.2mm; Voltage rating, AC:300V; Current rating:6A; Colour, primary insulation:Red; Material, primary insulation:PTFE; Diameter, External:0.95mm; RoHS Compliant: Yes WIRE, PTFE, B, BROWN, 7/0.2MM, 100M; Area, conductor CSA:0.22mm2; Conductor make-up:7/0.2; Voltage rating, AC:600V; Current rating:6A; Colour, primary insulation:Brown; Material, primary insulation:PTFE; Diameter, External:1.2mm; RoHS Compliant: Yes CAT5 KVM EXTENDER HUB W/ SERIA WIRE, PTFE, A, WHITE, 7/0.2MM, 25M; Area, conductor CSA:0.2mm2; Conductor make-up:7/0.2mm; Voltage rating, AC:300V; Current rating:6A; Colour, primary insulation:White; Material, primary insulation:PTFE; Diameter, External:0.95mm; RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
ICL767305 ICL7673CBA-T ICL7673CBAZA ICL7673CBAZA-T |
Automatic Battery Back-Up Switch; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Automatic Battery Back-Up Switch
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MYS40 MYS250 MYS80 MYS125 |
Surface Mount Si-Bridge Rectifiers WIRE, ETFE, TEFZEL, 14AWG, BLACK, 100M; Area, conductor CSA:1.675mm2; Conductor make-up:37/0.250; Voltage rating, AC:600V; Current rating:23A; Colour, primary insulation:Black; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes Patch Panel; Mounting Type:2U; Body Material:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 0.5 A, 160 V, SILICON, BRIDGE RECTIFIER DIODE
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|
VIPER20A-22-E -VIPER20ADIP-E |
SMPS primary I.C.
|
意法半导
|
VIPER50 VIPER50A VIPER50ASP VIPER50SP VIPER50A_ASP |
SMPS PRIMARY I.C.
|
STMicroelectronics
|
L599101 L5991D L5991 L5991A L5991AD L5991D013TR L5 |
PRIMARY CONTROLLER WITH STANDBY PRIMARY CONTROLLER WITH STANDBY
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
PT4225ESOG |
1-5W Primary Side CC Regulator
|
PowTech
|
|